Part Number Hot Search : 
AT91SAM9 ZXGD300 HT7024A 204C08 7260L10 TA78L08S IRFB20N5 T4401
Product Description
Full Text Search
 

To Download 2SC5002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5002
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC5002 1500 800 6 7(Pulse14) 3.5 80(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Display Horizontal Deflection Output, Switching Regulator and General Purpose
(Ta=25C) 2SC5002 100max 1max 100max 800min 8min 4 to 9 5max 1.5max 4typ 100typ Unit A mA A V
sElectrical Characteristics
Symbol ICBO1 ICBO2 IEBO V(BR)CEO hFE1 hFE2 VCE(sat) VBE(sat) fT COB Conditions VCB=1200V VCB=1500V VEB=6V IC=10mA VCE=5V, IC=1A VCE=5V, IC=5A IC=5A, IB=1.2A IC=5A, IB=1.2A VCE=12V, IE=-0.5A VCB=10V, f=1MHz
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
23.00.3
9.50.2
a b
V V MHz pF
16.2
1.75 2.15 1.05 +0.2 -0.1 5.450.1 5.450.1 4.4 1.5 0.65 +0.2 -0.1
3.3
0.8
3.35
sTypical Switching Characteristics (Common Emitter)
VCC (V) 200 RL () 50 IC (A) 4 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.8 IB2 (A) -1.6 tstg (s) 4.0max tf (s) 0.2max
1.5
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
I C - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V) 7
1.5 A
VCE(sat)-IC Characteristics (Typical)
3 (I C: I B= 5 :1)
I C - VBE Temperature Characteristics (Typical)
7 (V CE= 5V)
1. 2A
6 Collector Current I C (A)
700 mA
6
5
2
Collector Current I C( A)
4
400 mA
4
mp)
mp)
e Te
200m A
125C
IB=1 00m A
2
25C (C
2
1
0
0
1
2
3
4
0 0.02
0.1
0.5
1
5
10
0
0
0.5
-30C
(Case
1
(Cas
ase Te
3
Temp)
1.0
3.0
1.5
Collector-Emitter Voltage V C E( V)
Collector Current I C( A)
Base-Emittor Voltage V B E( V)
h FE - IC Characteristics (Typical)
(V C E= 5V) 100 20
t stg *tf - I C Characteristics (Typical)
j- a( C/W)
. V C C= 200V . I C : IB1: -IB2 =5 :1: 2 3
j-a - t Characteristics
t s tg *t f ( s)
DC Curr ent Gain h FE
5
Transient Thermal Resistance
50
10
125C
t stg
25 C
1
10 5
-3 0 C
Switching Ti me
1 0.5
tf
0.5
2 0.02
0.05
0.1
0.5
1
5
7
0.1 0.2
0.5
1
5
7
0.1
1
10
100 Time t(ms)
1000 2000
Collector Current I C( A)
Collector Current I C( A)
Safe Operating Area (Single Pulse)
20
100s
Reverse Bias Safe Operating Area
20 80
P c - T a Derating
10 Co lle ctor Cu rren t I C( A) Collect or Cur ren t I C( A)
Ma ximum Po we r Dissipatio n P C (W)
10 5
60
W ith In fin ite he
5
40
at si nk
1 Without Heatsink Natural Cooling L=3mH -IB2=1A Duty:less than 1%
Without Heatsink Natural Cooling
0.5
20
Without Heatsink 1 100 500 Collector-Emitter Voltage V C E( V) 1000 0.1 50 100 500 1000 2000 3.5 0 0 50 100 150
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
122


▲Up To Search▲   

 
Price & Availability of 2SC5002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X